Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7D52 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA7D52
Description  Silicon epitaxial planar type (cathode common)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA7D52 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA7D52 Datasheet HTML 1Page - Panasonic Semiconductor MA7D52 Datasheet HTML 2Page - Panasonic Semiconductor MA7D52 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
633
Schottky Barrier Diodes (SBD)
MA3D752, MA3D752A
IF  VF
IR  VR
VF  Ta
IR  Ta
Ct  VR
PD(AV)  IF(AV)
IF(AV)  TC
10−3
0
0.2
0.4
0.6
0.8
1.0
1.2
10−2
10−1
1
10
102
Forward voltage V
F
(V)
Ta
= 125°C
75
°C 25°C
−20°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 20 A
10 A
5 A
10−3
0
1020304050
60
10−2
10−1
1
10
102
Reverse voltage V
R
(V)
Ta
= 125°C
75
°C
25
°C
0
10
20
30
40
0
4
8
121620
24
Average forward current I
F(AV)
(A)
t0 / t1
= 1/6
1/3
1/2
t1
t0
DC
0
200
400
600
800
1 000
1 200
1 400
1 600
0
1020304050
60
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
10−3
−40
0
40
80
120
160
200
10−2
10−1
1
10
102
Ambient temperature T
a
(
°C)
VR
= 45 V
20 V
10 V
0
4
8
12
16
20
24
28
32
20
40
60
80
100
120
140
Case temperature T
C
(
°C)
t1
t0
t0 / t1
= 1/2
1/3
1/6
DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com