Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # BCL
Description  Inductors for power circuits Wound metal BCL series (for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

BCL Datasheet(HTML) 1 Page - Panasonic Semiconductor

  BCL Datasheet HTML 1Page - Panasonic Semiconductor BCL Datasheet HTML 2Page - Panasonic Semiconductor BCL Datasheet HTML 3Page - Panasonic Semiconductor BCL Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20211117
(1/4)
inductor_automotive_power_bcl322515rt-d_en.fm
INDUCTORS
Inductors for power circuits
Wound metal
BCL series (for automotive)
BCL322515RT-D type
FEATURES
The adoption of the new method has resulted in a high inductance that could not be achieved with conventional metallic materials.
Due to the properties of metallic materials, they are more able to handle larger currents than ferrite materials.
The use of high-µ materials has made it possible to achieve low Rdc in metal products.
The coil is fully encapsulated with a magnetic material to minimize leakage flux.
Supports rated voltage of 40V.
Operating temperature range: –55 to +155°C (including self-temperature rise)
Compliant with AEC-Q200.
APPLICATION
ADAS - Level5 for Camera
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (30% below the nominal value)
Itemp: When based on the temperature increase (temperature increase of 40°C by self heating)
Measurement equipment
* Equivalent measurement equipment may be used.
BCL
322515
RT
-
470
M
-
D
Series name
LxWxH dimensions
Internal code
Inductance
Inductance
tolerance
Internal code
3.2x2.5x1.5 mm
(µH)
L
Measuring
frequency
DC resistance
Rated current
Isat
Itemp
Part No.
(µH)
Tolerance
(MHz)
(
 )max.
(
 )typ.
(A)max.
(A)typ.
(A)typ.
4.7
±20%
1
0.16
0.13
1.71
2.14
2.08
BCL322515RT-4R7M-D
6.8
±20%
1
0.21
0.19
1.43
1.79
1.79
BCL322515RT-6R8M-D
10
±20%
1
0.32
0.28
1.20
1.51
1.50
BCL322515RT-100M-D
15
±20%
1
0.48
0.41
0.98
1.23
1.19
BCL322515RT-150M-D
22
±20%
1
0.71
0.61
0.80
1.00
0.96
BCL322515RT-220M-D
33
±20%
1
1.11
0.97
0.68
0.85
0.75
BCL322515RT-330M-D
47
±20%
1
1.40
1.22
0.57
0.72
0.67
BCL322515RT-470M-D
Measurement item
Product No.
Manufacturer
L
E4990A
Keysight Technologies
DC resistance
AX-114N
ADEX
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl
AEC-Q200


Similar Part No. - BCL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
BCL COILCRAFT-BCL Datasheet
395Kb / 3P
Broadband Conical Inductors
logo
Molex Electronics Ltd.
BCL-1012 MOLEX4-BCL-1012 Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2
BCL-1012-PL MOLEX4-BCL-1012-PL Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Plated
BCL-1012-WP MOLEX4-BCL-1012-WP Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Un-Plated, Wide Pad
BCL-1014 MOLEX4-BCL-1014 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/4", Un-Plated
More results

Similar Description - BCL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4012T-1R0M-LR TDK-SPM4012T-1R0M-LR Datasheet
116Kb / 9P
Inductors for Power Circuits Wound Metal
SPM4015T-100M-LR TDK-SPM4015T-100M-LR Datasheet
147Kb / 9P
Inductors for Power Circuits Wound Metal
SPM4020T-100M-LR TDK-SPM4020T-100M-LR Datasheet
142Kb / 9P
Inductors for Power Circuits Wound Metal
SPM5030T-1R0M TDK-SPM5030T-1R0M_16 Datasheet
117Kb / 9P
Inductors for Power Circuits Wound Metal
SPM3015T-1R0M-LR TDK-SPM3015T-1R0M-LR Datasheet
116Kb / 9P
Inductors for Power Circuits Wound Metal
SPM3020T-1R5M-LR TDK-SPM3020T-1R5M-LR Datasheet
118Kb / 9P
Inductors for Power Circuits Wound Metal
logo
Panasonic Semiconductor
BCL322520RT-D PANASONIC-BCL322520RT-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
logo
TDK Electronics
SPM7054VT-D TDK-SPM7054VT-D Datasheet
242Kb / 4P
Inductors for power circuits Wound metal
20200702
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM5030-HZ TDK-SPM5030-HZ Datasheet
201Kb / 4P
Inductors for power circuits Wound metal SPM-HZ series (for automotive)
20210423
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com