Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL3H0914LS-700 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # CLL3H0914LS-700
Description  L-band internally pre-matched GaN-SiC HEMT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

CLL3H0914LS-700 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  CLL3H0914LS-700 Datasheet HTML 1Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 2Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 3Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 4Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 5Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 6Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 7Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 8Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CLL3H0914L-700_0914LS-700
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 15 July 2022
4 of 18
CLL3H0914L(S)-700
L-band internally pre-matched GaN-SiC HEMT
7.
Application information
7.1 Circuit information
Printed-Circuit Board (PCB): Rogers 4350B;
r = 3.66 F/m; height = 0.762 mm; copper top/bottom
metallization; thickness copper plating = 70
m; 1200 MHz to 1400 MHz demo board.
See Table 8 for list of components.
Fig 1.
Component layout for demo board
Table 8.
List of components
For test circuit see Figure 1.
Component
Description
Value
Remarks
C1, C2
multilayer ceramic chip capacitor 9.1 pF
ATC 100A
C3, C4
multilayer ceramic chip capacitor 5.1 pF
ATC 100A
C5, C6, C7, C8,
C9, C10, C16
multilayer ceramic chip capacitor 100 pF
ATC 100A
C11
multilayer ceramic chip capacitor 4.7
F, 100 V Murata:
GRM42256X7S475K100H530
C12
electrolytic capacitor
470
F, 63 V
C13, C14
multilayer ceramic chip capacitor 1.2 pF
ATC 100A
C15
multilayer ceramic chip capacitor 24 pF
ATC 100A
C17, C18
multilayer ceramic chip capacitor 72 pF
ATC 100A
C19, C20
multilayer ceramic chip capacitor 10 nF, 50 V
Murata: C1206C104K1RAC
C21, C22
multilayer ceramic chip capacitor 4.7
FTDK
R1
shunt resistor
10 m
, 5 W
R2, R3
resistor
8.2
SMD 1206
R4, R5
resistor
4.7
SMD 1206
R6
shunt resistor
82
SMD 0603
C10
C5
C7
C8
C11
C12
C4
C3
C6
C2
R1
C1
C9
C19
C18
R4
C22 R5
R3 R2
C21
C20
C17
C15
C14
C13
R6
C16
amp01164
40 mm
60 mm
40 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com