Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM90-36SK/OF Datasheet(PDF) 2 Page - Recom International Power

Part # RACM90-36SK/OF
Description  90 Watt 2” x 4” Open Frame & Enclosed Single Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM90-36SK/OF Datasheet(HTML) 2 Page - Recom International Power

  RACM90-36SK/OF Datasheet HTML 1Page - Recom International Power RACM90-36SK/OF Datasheet HTML 2Page - Recom International Power RACM90-36SK/OF Datasheet HTML 3Page - Recom International Power RACM90-36SK/OF Datasheet HTML 4Page - Recom International Power RACM90-36SK/OF Datasheet HTML 5Page - Recom International Power RACM90-36SK/OF Datasheet HTML 6Page - Recom International Power RACM90-36SK/OF Datasheet HTML 7Page - Recom International Power RACM90-36SK/OF Datasheet HTML 8Page - Recom International Power RACM90-36SK/OF Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.recom-power.com
REV.: 0/2022
PA-2
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM90-K
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Nom. Input Voltage
60Hz
90VAC
50Hz
240VAC
Operating Range (4)
47-63Hz
85VAC
264VAC
DC
120VDC
370VDC
Input Current
115VAC
2A
230VAC
1.2A
Inrush Current
cold start
115VAC
30A
230VAC
40A
No load Power Consumption
@230VAC
200mW
ErP Standby Mode Conformity
(Output Load Capability)
115/230VAC
PIN= 0.5W
0.2W
PIN= 1W
0.6W
Input Frequency Range
AC Input
47Hz
63Hz
Minimum Load
0%
Power Factor
115VAC
0.5
230VAC
0.4
Start-up Time
150ms
Rise Time
25ms
Hold-up Time
115VAC
12ms
230VAC
70ms
Internal Operating Frequency
100% load at nominal Vin
65kHz
Output Ripple and Noise (5)
20MHz BW
1% of Vout
continued on next page
Notes:
Note4: The products were submitted for safety files at AC-Input operation
Note5: Measurements are made with a 0.1µF MLCC & 10µF E-cap in parallel across output. (low ESR)
Efficiency vs. Load
others
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
90VAC
115VAC
230VAC
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
90VAC
115VAC
230VAC
RACM90-12SK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com