Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01GR3B Datasheet(PDF) 21 Page - STMicroelectronics

Part # NAND01GR3B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR3B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button NAND01GR3B Datasheet HTML 17Page - STMicroelectronics NAND01GR3B Datasheet HTML 18Page - STMicroelectronics NAND01GR3B Datasheet HTML 19Page - STMicroelectronics NAND01GR3B Datasheet HTML 20Page - STMicroelectronics NAND01GR3B Datasheet HTML 21Page - STMicroelectronics NAND01GR3B Datasheet HTML 22Page - STMicroelectronics NAND01GR3B Datasheet HTML 23Page - STMicroelectronics NAND01GR3B Datasheet HTML 24Page - STMicroelectronics NAND01GR3B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
21/59
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
Cache Read
The Cache Read operation is used to improve the
read throughput by reading data using the Cache
Register. As soon as the user starts to read one
page, the device automatically loads the next page
into the Cache Register.
An Cache Read operation consists of three steps
(see Table 10.):
1.
One bus cycle is required to setup the Cache
Read command (the same as the standard
Read command)
2.
Four or Five (refer to Table 6. and Table 7.)
bus cycles are then required to input the Start
Address
3.
One bus cycle is required to issue the Cache
Read confirm command to start the P/E/R
Controller.
The Start Address must be at the beginning of a
page (Column Address = 00h, see Table 8. and
Table 9.). This allows the data to be output unin-
terrupted after the latency time (tBLBH1), see Fig-
ure 11.
The Ready/Busy signal can be used to monitor the
start of the operation. During the latency period the
Ready/Busy signal goes Low, after this the Ready/
Busy signal goes High, even if the device is inter-
nally downloading page n+1.
Once the Cache Read operation has started, the
Status Register can be read using the Read Status
Register command.
During the operation, SR5 can be read, to find out
whether the internal reading is ongoing (SR5 =
‘0’), or has completed (SR5 = ‘1’), while SR6 indi-
cates whether the Cache Register is ready to
download new data.
To exit the Cache Read operation an Exit Cache
Read command must be issued (see Table 10.).
If the Exit Cache Read command is issued while
the device is internally reading page n+1, page n
will still be output, but not page n+1.
Figure 11. Cache Read Operation
I/O
RB
Address
Inputs
ai08661
00h
Read
Setup
Code
31h
Cache
Read
Confirm
Code
Busy
tBLBH1
(Read Busy time)
1st page
Data Output
2nd page
3rd page
last page
34h
Exit
Cache
Read
Code
Block N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com