Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROSMD005 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MICROSMD005
Description  PolySwitch PTC Devices Overcurrent Protection Devi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MICROSMD005 Datasheet(HTML) 1 Page - Tyco Electronics

  MICROSMD005 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tyco / Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025
Phone: 800-227-4856
Fax: 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Devi
PRODUCT: microSMD005
DOCUMENT: SCD 24366
PCN: 092391
REV LETTER: D
REV DATE: NOVEMBER 19, 2001
PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 30VDC
Current: 10A
Notes:
1. All terminations are tin/lead plated.
2. Devices can be wave soldered.
3. Drawing not to scale
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MIN
mm:
3.00
3.43
0.50
0.85
2.35
2.80
0.25
0.20
in:*
(0.118) (0.135)
(0.019
(0.034) (0.092) (0.111)
(0.010)
(0.008)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP **
RESISTANCE
VALUES
TRIPPED-STATE
POWER
DISSIPATION**
AMPERES
AT 0°C
AMPERES
AT 20°C
AMPERES
AT 60°C
SECONDS
AT 20°C, 0.25A
OHMS
AT 20°C
WATTS AT
20°C, 30V
HOLD TRIP HOLD
TRIP HOLD TRIP
MAX
MIN
MAX*
MAX
0.060 0.180 0.050
0.150 0.030 0.090
1.5
3.6
50.0
1.0
*Maximum resistance is measured 1 hour after reflow.
** Values specified were determined using PCB’s with 0.030”X1.5 ounce copper traces.
Reference Documents:
PS300, E. N. SMD1.0x
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


Similar Part No. - MICROSMD005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MICROSMD005F MACOM-MICROSMD005F Datasheet
34Kb / 1P
PolySwitch짰PTC Devices
microSMD005F MACOM-microSMD005F Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
microSMD005F MACOM-microSMD005F Datasheet
307Kb / 16P
PolySwitch Resettable Devices Surface-mount Devices
MICROSMD005F MACOM-MICROSMD005F Datasheet
299Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
MICROSMD005F LITTELFUSE-MICROSMD005F Datasheet
96Kb / 2P
PolySwitch PTC Devices
More results

Similar Description - MICROSMD005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com