Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB19NF20 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STB19NF20
Description  N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB19NF20 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STB19NF20_V01 Datasheet HTML 22Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 23Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 24Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 25Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 26Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 27Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 28Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 29Page - STMicroelectronics STB19NF20_V01 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics (curves) ................................................. 5
3
Test circuits .......................................................................8
4
Ordering information ..............................................................9
5
Package information..............................................................10
5.1
D²PAK (TO-263) type A package information ...................................... 10
5.2
D²PAK (TO-263) type B package information ...................................... 12
5.3
DPAK (TO-252) type A2 package information ...................................... 15
5.4
DPAK (TO-252) type C2 package information ...................................... 17
5.5
D²PAK and DPAK packing information ............................................ 20
5.6
TO-220FP package information ................................................. 23
5.7
TO-220 type A package information .............................................. 25
Revision history .......................................................................28
STB19NF20,STD19NF20,STF19NF20,STP19NF20
Contents
DS4935 - Rev 7
page 29/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com