Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD19NF20 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STD19NF20
Description  N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD19NF20 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STD19NF20 Datasheet HTML 8Page - STMicroelectronics STD19NF20 Datasheet HTML 9Page - STMicroelectronics STD19NF20 Datasheet HTML 10Page - STMicroelectronics STD19NF20 Datasheet HTML 11Page - STMicroelectronics STD19NF20 Datasheet HTML 12Page - STMicroelectronics STD19NF20 Datasheet HTML 13Page - STMicroelectronics STD19NF20 Datasheet HTML 14Page - STMicroelectronics STD19NF20 Datasheet HTML 15Page - STMicroelectronics STD19NF20 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Table 9. D²PAK (TO-263) type A package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
A1
0.03
0.23
b
0.70
0.93
b2
1.14
1.70
c
0.45
0.60
c2
1.23
1.36
D
8.95
9.35
D1
7.50
7.75
8.00
D2
1.10
1.30
1.50
E
10.00
10.40
E1
8.30
8.50
8.70
E2
6.85
7.05
7.25
e
2.54
e1
4.88
5.28
H
15.00
15.85
J1
2.49
2.69
L
2.29
2.79
L1
1.27
1.40
L2
1.30
1.75
R
0.40
V2
0°
8°
STB19NF20,STD19NF20,STF19NF20,STP19NF20
D²PAK (TO-263) type A package information
DS4935 - Rev 7
page 12/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com