Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP19NF20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP19NF20
Description  N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP19NF20 Datasheet(HTML) 1 Page - STMicroelectronics

  STP19NF20 Datasheet HTML 1Page - STMicroelectronics STP19NF20 Datasheet HTML 2Page - STMicroelectronics STP19NF20 Datasheet HTML 3Page - STMicroelectronics STP19NF20 Datasheet HTML 4Page - STMicroelectronics STP19NF20 Datasheet HTML 5Page - STMicroelectronics STP19NF20 Datasheet HTML 6Page - STMicroelectronics STP19NF20 Datasheet HTML 7Page - STMicroelectronics STP19NF20 Datasheet HTML 8Page - STMicroelectronics STP19NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
2
3
TO-220
TAB
1
2
3
TO-220FP
1
3
TAB
D PAK
2
DPAK
1
3
2
TAB
AM01475v1_noZen
D(2, TAB)
G(1)
S(3)
Features
Type
VDS
RDS(on) max.
ID
Package
STB19NF20
200 V
0.16 Ω
15 A
D2PAK
STD19NF20
DPAK
STF19NF20
TO-220FP
STP19NF20
TO-220
•
Extremely high dv/dt capability
•
Gate charge minimized
•
Very low intrinsic capacitance
Applications
•
Switching applications
Description
These Power MOSFETs are designed using STMicroelectronics' consolidated strip-
layout-based MESH OVERLAY™ process. The result is a product that matches or
improves on the performance of comparable standard parts from other
manufacturers.
Product status links
STB19NF20
STD19NF20
STF19NF20
STP19NF20
N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs
in D2PAK, DPAK, TO
‑220FP and TO-220 packages
STB19NF20, STD19NF20
STF19NF20, STP19NF20
Datasheet
DS4935 - Rev 7 - August 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP19NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP19NF20 STMICROELECTRONICS-STP19NF20 Datasheet
535Kb / 16P
N-channel 200V - 0.15廓 - 15A - TO-220 - D2PAK - TO-220FP MESH OVERLAY??Power MOSFET
16-Feb-2007
logo
SHENZHEN DOINGTER SEMIC...
STP19NF20 DOINGTER-STP19NF20 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
STP19NF20 ISC-STP19NF20 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP19NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
15-Mar-2012
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com