Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB19NF20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB19NF20
Description  N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB19NF20 Datasheet(HTML) 3 Page - STMicroelectronics

  STB19NF20 Datasheet HTML 1Page - STMicroelectronics STB19NF20 Datasheet HTML 2Page - STMicroelectronics STB19NF20 Datasheet HTML 3Page - STMicroelectronics STB19NF20 Datasheet HTML 4Page - STMicroelectronics STB19NF20 Datasheet HTML 5Page - STMicroelectronics STB19NF20 Datasheet HTML 6Page - STMicroelectronics STB19NF20 Datasheet HTML 7Page - STMicroelectronics STB19NF20 Datasheet HTML 8Page - STMicroelectronics STB19NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
200
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 200 V
1
µA
VGS = 0 V, VDS = 200 V,
TC = 125 °C(1)
10
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 7.5 A
0.11
0.16
Ω
1. Defined by design, not subject to production test.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz, VGS = 0 V
-
800
-
pF
Coss
Output capacitance
-
165
-
Crss
Reverse transfer capacitance
-
26
-
Qg
Total gate charge
VDD = 160 V, ID = 15 A,
VGS = 0 to 10 V
(see Figure 16. Test circuit for gate
charge behavior)
-
24
-
nC
Qgs
Gate-source charge
-
4.4
-
Qgd
Gate-drain charge
-
11.6
-
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 100 V, ID = 7.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15. Test circuit for
resistive load switching times and
Figure 20. Switching time
waveform)
-
11.5
-
ns
tr
Rise time
-
22
-
td(off)
Turn-off delay time
-
19
-
tf
Fall time
-
11
-
Table 7. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
15
A
ISDM(1)
Source-drain current (pulsed)
-
60
A
VSD(2)
Forward on voltage
ISD = 15 A, VGS = 0 V
-
1.6
V
STB19NF20,STD19NF20,STF19NF20,STP19NF20
Electrical characteristics
DS4935 - Rev 7
page 3/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com