Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC387 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 6Page - Infineon Technologies AG TC387 Datasheet HTML 7Page - Infineon Technologies AG TC387 Datasheet HTML 8Page - Infineon Technologies AG TC387 Datasheet HTML 9Page - Infineon Technologies AG TC387 Datasheet HTML 10Page - Infineon Technologies AG TC387 Datasheet HTML 11Page - Infineon Technologies AG TC387 Datasheet HTML 12Page - Infineon Technologies AG TC387 Datasheet HTML 13Page - Infineon Technologies AG TC387 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 416 page
background image
TC38x AD/AE-Step
Summary of Features
Data Sheet
10
V 1.2, 2021-03
GTM
Clusters
9 (5 @ 200MHz, 4 @ 100MHz)
TIM (8 ch)
7
TOM (16 ch)
5
ATOM (8 ch)
9
MCS (8 ch)
7
CMU / ICM
1 / 1
PSM
2
TBU channels1)
4 (TBU0-3)
SPE
4
CMP / MON
1 / 1
BRC / DPLL
1 / 1
CDTM modules
6
DTM modules
20 (8 on TOM, 12 on ATOM)
Timer
GPT12
1
CCU6
1
STM
Modules
4
FlexRay
Modules
2
Channels
2
CAN
Modules
3
Nodes
3 x 4
of which support TT-CAN
1
QSPI
Modules
5
HSCI Channels
-
ASCLIN
Modules
24
I2C
Interfaces
2
SENT
Channels
25
PSI5
Modules
4
PSI5-S
Modules
1
HSSL
Channels
1
MSC
Channels
3
SDMMC
eMMC/SD Interface
0
Ethernet (10/100Mbit/1Gbit)
Modules
1
FCE
Modules
1
Safety Support
SMU
yes
IOM
yes
SPU
Modules
-
RIF
Modules
-
HSPDM
Modules
-
Table 1-1
Platform Feature Overview (cont’d)
Feature
TC38x
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com