Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8458G Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE8458G
Description  LIN Transceiver with integrated Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8458G Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE8458G Datasheet HTML 21Page - Infineon Technologies AG TLE8458G Datasheet HTML 22Page - Infineon Technologies AG TLE8458G Datasheet HTML 23Page - Infineon Technologies AG TLE8458G Datasheet HTML 24Page - Infineon Technologies AG TLE8458G Datasheet HTML 25Page - Infineon Technologies AG TLE8458G Datasheet HTML 26Page - Infineon Technologies AG TLE8458G Datasheet HTML 27Page - Infineon Technologies AG TLE8458G Datasheet HTML 28Page - Infineon Technologies AG TLE8458G Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TLE8458
LIN Transceiver
Data Sheet
25
Rev. 1.1, 2014-04-01
LIN Output Current
I
BUS
-60
-30
-5
µA
Sleep Mode
V
S = 12 V;
EN = 0 V;
V
LIN = 0 V
P_7.2.29
LIN Input Capacitance
C
BUS
15
pF
1)
P_7.2.55
Receiver propagation delay
bus dominant to RxD LOW
t
d(L),R
–16
µs
C
RxD = 20 pF;
LIN2.1 Param 31
P_7.2.38
Receiver propagation delay
bus recessive to RxD HIGH
t
d(H),R
–16
µs
C
RxD = 20 pF;
LIN2.1 Param 31
P_7.2.39
Receiver delay symmetry
t
sym,R
-2
–
2
µs
t
sym,R = td(L),R - td(H),R;
LIN2.1 Param 32
P_7.2.40
TxD Dominant Time Out
t
timeout
612
20
ms
V
TxD = 0 V
P_7.2.44
TxD Dominant Time Out
Recovery Time
t
torec
–10
–
µs
1)
P_7.2.45
Duty Cycle D1
(For worst case at 20 kbit/s)
LIN2.1 Normal Slope
D1
0.396 –
–
2) TH
Rec(max) = 0.744 × VS;
THDom(max) = 0.581 × VS;
V
S = 7.0 … 18 V;
t
bit = 50 µs;
D1 =
t
bus_rec(min)/2 tbit;
LIN2.1 Param 27
P_7.2.46
Duty Cycle D2
(for worst case at 20 kbit/s)
LIN2.1 Normal Slope
D2
––0.581
2)TH
Rec(min.) = 0.422 × VS;
THDom(min.) = 0.284 × VS;
V
S = 7.6 … 18 V;
t
bit = 50 µs;
D2 =
t
bus_rec(max)/2 tbit;
LIN2.1 Param 28
P_7.2.47
1) Not subject to production test, specified by design.
2) Bus load conditions concerning LIN spec 2.1
C
LIN, RLIN = 1 nF, 1 kΩ / 6.8 nF, 660 Ω / 10 nF, 500 Ω
Table 12
Electrical Characteristics: LIN Transceiver (cont’d)
V
S = 7 V to 27 V, Tj = -40 °C +150 °C, RL = 500 Ω, all voltages with respect to ground, positive current flowing into
pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com