Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4550 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STM4550
Description  N-Channel E nhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4550 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STM4550 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S T M4550
Parameter
Symbol
C ondition
Min Typ Max Unit
E LE C TR IC AL C HAR AC TE R IS TIC S (TA=25 C unless otherwise noted)
C
DR AIN-S OUR C E DIODE C HAR AC TE R IS TIC S
Diode Forward Voltage
VSD
VGS =0V, Is =1.7A
0.78
V
b
Notes
a.S urface Mounted on FR 4 Board, t <=10sec.
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width<=300us, Duty Cycle<= 2%.
F igure 1. Output C haracteris tics
F igure 2. Trans fer C haracteris tics
V GS ,G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
20
15
10
5
0
0
0.5
1
1.5
2
2.5
3
3
25 C
20
15
10
5
1
0
0
-55 C
125 C
0.7
4.2
3.5
2.8
2.1
1.4
VG S =3V
VG S =3.5V
VG S =4.5V
V G S =10V
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0
0
25
50
125
Tj( C )
100
75
V GS =10V
ID=5A
T j, J unction T empera ture ( C )
V GS =4.5V
ID=3A
ID, Drain C urrent (A)
90
75
60
45
30
15
0
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
10
15
20
25
0
V GS =10V
V GS =4.5V
150
5
25
VG S =4V
d.Guaranteed when external R g=6 ohm and tf < tf max.
1.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com