Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP133..P16TR Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TSOP133..P16TR
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP133..P16TR Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TSOP133..P16TR Datasheet HTML 5Page - Vishay Siliconix TSOP133..P16TR Datasheet HTML 6Page - Vishay Siliconix TSOP133..P16TR Datasheet HTML 7Page - Vishay Siliconix TSOP133..P16TR Datasheet HTML 8Page - Vishay Siliconix TSOP133..P16TR Datasheet HTML 9Page - Vishay Siliconix TSOP133..P16TR Datasheet HTML 10Page - Vishay Siliconix TSOP133..P16TR Datasheet HTML 11Page - Vishay Siliconix TSOP133..P16TR Datasheet HTML 12Page - Vishay Siliconix TSOP133..P16TR Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TSOP131..P16TR, TSOP133..P16TR, TSOP135..P16TR
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1225-2022-REV-HS1
Rev. 1.4, 28-Sep-2022
9
Document Number: 82876
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REEL DIMENSIONS in millimeters
LEADER AND TRAILER DIMENSIONS in millimeters
COVER TAPE PEEL STRENGTH
According to DIN EN 60286-3
0.1 N to 1.3 N
300 ± 10 mm/min.
165° to 180° peel angle
Drawing-No.: 9.800-5052.V3-4
Issue: 1; 17.12.02
Form of the leave open of the wheel is supplier specific.
Dimensions according to IEC EN 60 286-3
Tape width: 24
Technical drawing
according to DIN
specifications
Reel hub 2:1
Ø 20.2
min.
24.4
+3
-0
Trailer
Leader
no devices
min.
200
min. 400
Start
End
devices
96 11818
no devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com