Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP13140DF1P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP13140DF1P
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP13140DF1P Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP13140DF1P Datasheet HTML 1Page - Vishay Siliconix TSOP13140DF1P Datasheet HTML 2Page - Vishay Siliconix TSOP13140DF1P Datasheet HTML 3Page - Vishay Siliconix TSOP13140DF1P Datasheet HTML 4Page - Vishay Siliconix TSOP13140DF1P Datasheet HTML 5Page - Vishay Siliconix TSOP13140DF1P Datasheet HTML 6Page - Vishay Siliconix TSOP13140DF1P Datasheet HTML 7Page - Vishay Siliconix TSOP13140DF1P Datasheet HTML 8Page - Vishay Siliconix TSOP13140DF1P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSOP131..DF1P, TSOP133..DF1P, TSOP135..DF1P
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1225-2022-REV-HS1
Rev. 1.4, 28-Sep-2022
2
Document Number: 82881
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
Pinning for TSOP13...DF1P:
1 = OUT, 2 = GND, 3 = VS
ORDERING CODE
TSOP13...DF1P - 1100 pieces in tape and reel
APPLICATION CIRCUIT
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
1
2
3
23197
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-14
OUT
R
1 and C1 recommended in case there are strong ripple or
spikes on the supply line.
PARTS TABLE
AGC
BASIC NOISE SUPPRESSION
(AGC1)
ENHANCED NOISE SUPPRESSION
(AGC3)
MAXIMIZED NOISE SUPPRESSION
(AGC5)
Carrier
frequency
30 kHz
TSOP13130DF1P
TSOP13330DF1P
TSOP13530DF1P
33 kHz
TSOP13133DF1P
TSOP13333DF1P
TSOP13533DF1P
36 kHz
TSOP13136DF1P
TSOP13336DF1P (1)(5)
TSOP13536DF1P
38 kHz
TSOP13138DF1P
TSOP13338DF1P (2)(4)
TSOP13538DF1P
40 kHz
TSOP13140DF1P
TSOP13340DF1P
TSOP13540DF1P
56 kHz
TSOP13156DF1P
TSOP13356DF1P (3)
TSOP13556DF1P
Package
Minimold
Pinning
1 = OUT, 2 = GND, 3 = VS
Dimensions (mm)
5.4 W x 6.35 H x 4.9 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) RCMM (2) RECS-80 Code (3) r-map (4) XMP (5 MCIR
Special options
• Narrow optical filter: www.vishay.com/doc?81590
• Wide optical filter: www.vishay.com/doc?82726
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
3mA
Output voltage
VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com