Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL3036-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCNL3036-GS08
Description  High Resolution Digital Biosensor for Wearable Applications With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL3036-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCNL3036-GS08 Datasheet HTML 1Page - Vishay Siliconix VCNL3036-GS08 Datasheet HTML 2Page - Vishay Siliconix VCNL3036-GS08 Datasheet HTML 3Page - Vishay Siliconix VCNL3036-GS08 Datasheet HTML 4Page - Vishay Siliconix VCNL3036-GS08 Datasheet HTML 5Page - Vishay Siliconix VCNL3036-GS08 Datasheet HTML 6Page - Vishay Siliconix VCNL3036-GS08 Datasheet HTML 7Page - Vishay Siliconix VCNL3036-GS08 Datasheet HTML 8Page - Vishay Siliconix VCNL3036-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VCNL3036
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 18-Mar-2020
2
Document Number: 84373
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) MOQ: minimum order quantity
Note
(1) Depending on external LED
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
VCNL3036-GS08
Tape and reel
MOQ: 3300 pcs
4.0 mm x 2.36 mm x 0.75 mm
VCNL3036-GS18
MOQ: 13 000 pcs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
2.5
3.6
V
Operation temperature range
Tamb
-25
+85
°C
Storage temperature range
Tstg
-25
+85
°C
RECOMMENDED OPERATING CONDITIONS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
2.5
3.6
V
Operation temperature range
Tamb
-25
+85
°C
I2C bus operating frequency
f(I2CCLK)
10
400
kHz
PIN DESCRIPTIONS
PIN ASSIGNMENT
SYMBOL
TYPE
FUNCTION
1VDD
-
Power supply input
2SCL
I
I2C digital bus clock input
3
GND
-
Ground
4
LED3
I
Cathode (LED3) connection
5
LED2
I
Cathode (LED2) connection
6
LED1
I
Cathode (LED1) connection
7
INT
O
Interrupt pin
8
SDA
I / O (open drain)
I2C data bus data input / output
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VDD
2.5
-
3.6
V
Supply current
Excluded LED driving
IDD
-
300
-
μA
Light condition = dark, VDD = 3.3 V
IDD (SD)
-
0.2
-
μA
I2C supply voltage
VPULL UP
1.8
-
5.5
V
PS enable
IPSSD
-
200
-
μA
I2C signal input
Logic high
VDD = 3.3 V
VIH
1.55
-
-
V
Logic low
VIL
--
0.4
Logic high
VDD = 2.6 V
VIH
1.4
-
-
V
Logic low
VIL
--
0.4
Full BIO counts
12-bit / 16-bit resolution
-
-
4096 /
65 535
steps
PS detection range
Kodak gray card (1)
0
-
500
mm
Operating temperature range
Tamb
-25
-
+85
°C
LED_Anode voltage
--
5.5
V
LED driving current
-
-
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com