Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD42-D-R2 Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # SCD42-D-R2
Description  Breaking the size barrier in CO2 sensing
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD42-D-R2 Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button SCD42-D-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SCD42-D-R2 Datasheet HTML 9Page - Sensirion AG Switzerland SCD42-D-R2 Datasheet HTML 10Page - Sensirion AG Switzerland SCD42-D-R2 Datasheet HTML 11Page - Sensirion AG Switzerland SCD42-D-R2 Datasheet HTML 12Page - Sensirion AG Switzerland SCD42-D-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SCD42-D-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SCD42-D-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SCD42-D-R2 Datasheet HTML 16Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.sensirion.com
Version 1 – March 2022
12/21
3.6.5
set_ambient_pressure
Description: The set_ambient_pressure command can be sent during periodic measurements to enable continuous pressure
compensation. Note that setting an ambient pressure using set_ambient_pressure overrides any pressure compensation based
on a previously set sensor altitude.
Table 17: set_ambient_pressure I2C sequence description
Write
(hexadecimal)
Input parameter: Ambient pressure
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0xe000
3
word[0] = ambient P [Pa] /
100
-
-
1
Example: set ambient pressure to 98’700 Pa
Write
0xe000
0x03db
0x42
(hexadecimal)
Command
Ambient P = 98’700 Pa
CRC of 0x03db



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com