Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7821 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM7821
Description  N-Channel E nhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM7821 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM7821 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM7821 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM7821 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM7821 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM7821 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM7821 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM7821 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
25
N-Channel E nhancement Mode Field E ffect Transistor
S urface Mount Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
20
V
Drain Current-Continuous @ Tc=25 C
-Pulsed
ID
10
40
10
2.5
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
50
/W
C
S T M7821
a
a
a
a
b
S amHop Microelectronics C orp.
Arp,20 2005 ver1.1
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
25V
10A
9.5 @ V GS = 10V
20 @ V GS = 4.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S O-8
1
Drain-S ource Voltage R ating
30
V
Vspike
d


Similar Part No. - STM7821

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM7820 SAMHOP-STM7820 Datasheet
641Kb / 7P
N-Channel E nhancement Mode Field Effect Transistor
STM7822 SAMHOP-STM7822 Datasheet
680Kb / 7P
N-Channel E nhancement Mode F ield E ffect Transistor
STM7822A SAMHOP-STM7822A Datasheet
678Kb / 7P
N-Channel E nhancement Mode Field Effect Transistor
logo
Weitron Technology
STM7822A WEITRON-STM7822A Datasheet
295Kb / 6P
Surface Mount N-Channel Enhancement Mode MOSFET
More results

Similar Description - STM7821

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
N-Channel E nhancement Mode Field Effect Transistor
STU2555NL SAMHOP-STU2555NL Datasheet
868Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STU2640NL SAMHOP-STU2640NL Datasheet
895Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STU3055NL SAMHOP-STU3055NL Datasheet
814Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com