Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ST15300 Datasheet(PDF) 8 Page - STMicroelectronics

Part # 2ST15300
Description  Rad-Hard 300 V, 5 A NPN bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST15300 Datasheet(HTML) 8 Page - STMicroelectronics

  2ST15300 Datasheet HTML 1Page - STMicroelectronics 2ST15300 Datasheet HTML 2Page - STMicroelectronics 2ST15300 Datasheet HTML 3Page - STMicroelectronics 2ST15300 Datasheet HTML 4Page - STMicroelectronics 2ST15300 Datasheet HTML 5Page - STMicroelectronics 2ST15300 Datasheet HTML 6Page - STMicroelectronics 2ST15300 Datasheet HTML 7Page - STMicroelectronics 2ST15300 Datasheet HTML 8Page - STMicroelectronics 2ST15300 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision history
Table 8. Document revision history
Date
Version
Changes
07-Aug-2019
1
First release.
12-Oct-2020
2
Updated Section Description, Table 3. Electrical characteristics. Added
Section 2.1 Test circuits. Minor text changed.
19-Jan-2021
3
Updated Table 1, Figure 2 and Table 5.
11-Mar-2021
4
Updated Table 6 and Table 1.
27-Jul-2022
5
Updated Table 7.
28-Oct-2022
6
Updated Features, Description, Section 3 Radiation hardness assurance and
Section 5 Order codes.
2ST15300
DS13014 - Rev 6
page 8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com