Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ST2480 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2ST2480
Description  Complementary power transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST2480 Datasheet(HTML) 5 Page - STMicroelectronics

  2ST2480 Datasheet HTML 1Page - STMicroelectronics 2ST2480 Datasheet HTML 2Page - STMicroelectronics 2ST2480 Datasheet HTML 3Page - STMicroelectronics 2ST2480 Datasheet HTML 4Page - STMicroelectronics 2ST2480 Datasheet HTML 5Page - STMicroelectronics 2ST2480 Datasheet HTML 6Page - STMicroelectronics 2ST2480 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
2ST1480, 2ST2480
Package mechanical data
Doc ID 16380 Rev 1
5/7
DIM.
mm.
MIN.
TYP
MAX.
A
3.00
3.40
A1
1.80
2.20
b
0.66
0.86
b1
1.17
1.37
c
0.45
0.60
D7.80
8.20
E
10.80
11.20
e2.28
e1
4.46
4.66
L
15.30
15.70
L1
1.30
1.50
P
4.04
4.24
ø1
2.90
3.10
ø2
3.10
3.30
SOT-32FP mechanical data
8120996B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com