Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STF2340 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2STF2340
Description  Low voltage fast-switching PNP power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STF2340 Datasheet(HTML) 3 Page - STMicroelectronics

  2STF2340 Datasheet HTML 1Page - STMicroelectronics 2STF2340 Datasheet HTML 2Page - STMicroelectronics 2STF2340 Datasheet HTML 3Page - STMicroelectronics 2STF2340 Datasheet HTML 4Page - STMicroelectronics 2STF2340 Datasheet HTML 5Page - STMicroelectronics 2STF2340 Datasheet HTML 6Page - STMicroelectronics 2STF2340 Datasheet HTML 7Page - STMicroelectronics 2STF2340 Datasheet HTML 8Page - STMicroelectronics 2STF2340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2STF2340, 2STN2340
Electrical characteristics
Doc ID 14222 Rev 2
3/10
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = - 40 V
-0.1
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = - 5 V
-0.1
µA
V(BR)CBO
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %
Collector-base
breakdown voltage
(IE = 0)
IC = - 100 µA
-40
V
V(BR)CEO
(1)
Collector-emitter
breakdown voltage
(IB = 0)
IC = - 10 mA
-40
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = - 100 µA
-5
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = - 2 A
IB = - 100 mA
IC = - 3 A
IB = - 150 mA
-250
-350
mV
mV
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = - 2 A
IB = - 100 mA
-1.2
V
hFE
(1)
DC current gain
IC = - 0.1 A
VCE = - 2 V
IC = - 1 A
VCE = - 2 V
IC = - 3 A
VCE = - 2 V
100
180
220
450
ft
Transition frequency
IC = - 0.1 A
VCE = - 5 V
f = 100 MHz
100
MHz
CCBO
Collector-base
capacitance (IE = 0)
VCB = - 10 V
f = 1 MHz
50
pF
ton
toff
Resistive load
Turn-on time
Turn-off time
IC = - 1.5 A
VCC = - 10 V
IB(on) = - IB(off) = - 150 mA
VBB(off) = 5 V
80
450
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com