Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903YPT Datasheet(PDF) 16 Page - STMicroelectronics

Part # LM2903YPT
Description  Low-power dual voltage comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903YPT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LM2903YPT Datasheet HTML 12Page - STMicroelectronics LM2903YPT Datasheet HTML 13Page - STMicroelectronics LM2903YPT Datasheet HTML 14Page - STMicroelectronics LM2903YPT Datasheet HTML 15Page - STMicroelectronics LM2903YPT Datasheet HTML 16Page - STMicroelectronics LM2903YPT Datasheet HTML 17Page - STMicroelectronics LM2903YPT Datasheet HTML 18Page - STMicroelectronics LM2903YPT Datasheet HTML 19Page - STMicroelectronics LM2903YPT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Package information
LM2903
16/21
DocID2470 Rev 14
6.4
DFN8 2x2 package information (LM2903Q2T)
Figure 25. DFN8 2x2x0.6 mm package mechanical drawing (pitch 0.5 mm)
Table 7. DFN8 2x2x0.6 mm package mechanical data (pitch 0.5 mm)
Ref.
Dimensions
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.51
0.55
0.60
0.020
0.022
0.024
A1
0.05
0.002
A3
0.15
0.006
b
0.18
0.25
0.30
0.007
0.010
0.012
D
1.85
2.00
2.15
0.073
0.079
0.085
D2
1.45
1.60
1.70
0.057
0.063
0.067
E
1.85
2.00
2.15
0.073
0.079
0.085
E2
0.75
0.90
1.00
0.030
0.035
0.039
e
0.50
0.020
L
0.50
0.020
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com