Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL36DN6F7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STL36DN6F7
Description  Dual N-channel 60 V, 23 mΩ typ., 33 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL36DN6F7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL36DN6F7 Datasheet HTML 8Page - STMicroelectronics STL36DN6F7 Datasheet HTML 9Page - STMicroelectronics STL36DN6F7 Datasheet HTML 10Page - STMicroelectronics STL36DN6F7 Datasheet HTML 11Page - STMicroelectronics STL36DN6F7 Datasheet HTML 12Page - STMicroelectronics STL36DN6F7 Datasheet HTML 13Page - STMicroelectronics STL36DN6F7 Datasheet HTML 14Page - STMicroelectronics STL36DN6F7 Datasheet HTML 15Page - STMicroelectronics STL36DN6F7 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Revision history
STL36DN6F7
14/15
DocID028259 Rev 3
5
Revision history
Table 9: Document revision history
Date
Revision
Changes
20-Aug-2015
1
First release.
22-Oct-2015
2
Document status promoted from preliminary to production data.
Updated Section 2: "Electrical ratings" and Section 3: "Electrical
characteristics".
Added Section 3.1: "Electrical characteristics (curves)".
10-May-2017
3
Modified title and features table on cover page.
Modified Table 2: "Absolute maximum ratings", Table 3: "Thermal
data", Table 4: "On /off states"
Modified Figure 4: "Output characteristics", Figure 5: "Transfer
characteristics", Figure 7: "Static drain-source on-resistance" and
Figure 12: "Source-drain diode forward characteristics".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com