Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6F85A Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMA6F85A
Description  600 W TVS in SMA Flat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6F85A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMA6F85A Datasheet HTML 6Page - STMicroelectronics SMA6F85A Datasheet HTML 7Page - STMicroelectronics SMA6F85A Datasheet HTML 8Page - STMicroelectronics SMA6F85A Datasheet HTML 9Page - STMicroelectronics SMA6F85A Datasheet HTML 10Page - STMicroelectronics SMA6F85A Datasheet HTML 11Page - STMicroelectronics SMA6F85A Datasheet HTML 12Page - STMicroelectronics SMA6F85A Datasheet HTML 13Page - STMicroelectronics SMA6F85A Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
3
SMA6FxxA Ordering information
Figure 21. Ordering information scheme
SMA
6 F vv
A
Package:
SMA
Power capability (10 / 1000 µs):
600 W
Flat package
Stand-off voltage:
VRM
Type:
A : unidirectional
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
SMA6FxxA
See Table 6. Marking.
SMA Flat
39 mg
10000
Tape and reel
SMA6FxxA
SMA6FxxA Ordering information
DS12564 - Rev 4
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com