Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST2202 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCST2202
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST2202 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCST2202 Datasheet HTML 1Page - Vishay Siliconix TCST2202 Datasheet HTML 2Page - Vishay Siliconix TCST2202 Datasheet HTML 3Page - Vishay Siliconix TCST2202 Datasheet HTML 4Page - Vishay Siliconix TCST2202 Datasheet HTML 5Page - Vishay Siliconix TCST2202 Datasheet HTML 6Page - Vishay Siliconix TCST2202 Datasheet HTML 7Page - Vishay Siliconix TCST2202 Datasheet HTML 8Page - Vishay Siliconix TCST2202 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: sensorstechsupport@vishay.com
Document Number: 81147
2
Rev. 1.0, 17-Aug-09
TCST2103, TCST2202, TCST2300
Vishay Semiconductors
Transmissive Optical Sensor with
Phototransistor Output
Note
(1) Tamb = 25 °C, unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
INPUT (EMITTER)
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µs
IFSM
3A
Power dissipation
Tamb ≤ 25 °C
PV
100
mW
Junction temperature
Tj
100
°C
OUTPUT (DETECTOR)
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
200
mA
Power dissipation
Tamb ≤ 25 °C
PV
150
mW
Junction temperature
Tj
100
°C
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
0
0
100
200
300
400
95 11088
Tamb - Ambient Temperature (°C)
Coupled device
Phototransistor
IR-diode
150
120
90
60
30
BASIC CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
COUPLER
Current transfer ratio
VCE = 5 V, IF = 20 mA
TCST2103
CTR
10
20
%
TCST2202
CTR
5
10
%
TCST2300
CTR
1.25
2.5
%
Collector current
VCE = 5 V, IF = 20 mA
TCST2103
IC
24
mA
TCST2202
IC
12
mA
TCST2300
IC
0.25
0.5
mA
Collector emitter saturation
voltage
IF = 20 mA, IC = 1 mA
TCST2103
VCEsat
0.4
V
IF = 20 mA, IC = 0.5 mA
TCST2202
VCEsat
0.4
V
IF = 20 mA, IC = 0.1 mA
TCST2300
VCEsat
0.4
V
Resolution, path of the shutter
crossing the radiant sensitive
zone
ICrel = 10 % to 90 %
TCST2103
s
0.6
mm
TCST2202
s
0.4
mm
TCST2300
s
0.2
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com