Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNT2020 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCNT2020
Description  Reflective Optical Sensor With Transistor OutputS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNT2020 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCNT2020 Datasheet HTML 1Page - Vishay Siliconix VCNT2020 Datasheet HTML 2Page - Vishay Siliconix VCNT2020 Datasheet HTML 3Page - Vishay Siliconix VCNT2020 Datasheet HTML 4Page - Vishay Siliconix VCNT2020 Datasheet HTML 5Page - Vishay Siliconix VCNT2020 Datasheet HTML 6Page - Vishay Siliconix VCNT2020 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VCNT2020
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 21-Jan-2019
3
Document Number: 84285
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Forward Voltage vs. Ambient Temperature
Fig. 6 - Collector Dark Current vs. Ambient Temperature
Fig. 7 - Collector Current vs. Forward Current
Fig. 8 - Relative Collector Current vs. Ambient Temperature
Fig. 9 - Relative Collector Current vs. Distance
0
90
100
1.0
1.1
1.2
1.3
1.4
1.6
VF - Forward Voltage (V)
t
p = 20 ms
80
70
60
50
40
30
20
10
1.5
1.00
1.10
1.20
1.30
1.40
1.45
-50
-25
0
25
50
75
100
125
Tamb - Ambient Temperature (°C)
I
F = 50 mA
I
F = 20 mA
I
F = 10 mA
1.05
1.15
1.25
1.35
t
p = 20 ms
0.0001
0.001
0.01
0.1
1
10
-50
0
50
100
125
Tamb - Ambient Temperature (°C)
-25
25
75
V
CE = 20 V
0.1
1
10
10
100
IF - Forward Current (mA)
V
CE = 5 V
d = 1 mm
50
90
100
110
120
150
-50
-25
0
25
50
125
Tamb - Ambient Temperature (°C)
75
100
80
70
V
CE = 5 V
d = 1 mm
60
130
140
I
F = 50 mA
I
F = 20 mA
I
F = 10 mA
0
20
40
60
80
120
012345
7
z - Distance (mm)
100
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com