Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNT2030 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCNT2030
Description  Reflective Optical Sensor With VCSEL and Transistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNT2030 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCNT2030 Datasheet HTML 1Page - Vishay Siliconix VCNT2030 Datasheet HTML 2Page - Vishay Siliconix VCNT2030 Datasheet HTML 3Page - Vishay Siliconix VCNT2030 Datasheet HTML 4Page - Vishay Siliconix VCNT2030 Datasheet HTML 5Page - Vishay Siliconix VCNT2030 Datasheet HTML 6Page - Vishay Siliconix VCNT2030 Datasheet HTML 7Page - Vishay Siliconix VCNT2030 Datasheet HTML 8Page - Vishay Siliconix VCNT2030 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VCNT2030
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 02-Sep-2022
2
Document Number: 80223
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) CTR: current transfer ratio, Iout/Iin
(2) Conditions like in table basic characteristics / sensors
Note
(1) MOQ: minimum order quantity
Fig. 1 - Power Dissipation vs. Ambient Temperature
PRODUCT SUMMARY
PART
NUMBER
DISTANCE FOR
MAXIMUM CTRrel (1)
(mm)
DISTANCE RANGE FOR
IC > 0.5 mA
(mm)
TYPICAL OUTPUT CURRENT
UNDER TEST (2)
(mA)
DAYLIGHT BLOCKING
FILTER INTEGRATED
VCNT2030
0.9
0.3 to 6
2.5
No
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
VCNT2030
Tape and reel
MOQ: 3000
Drypack, MSL 3
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT (VCSEL)
Reverse voltage
VR
5V
Forward current
IF
15
mA
Power dissipation
PVCSEL
38
mW
Junction temperature
TJ
100
°C
Thermal resistance junction to ambient
JESD 51
RthJA
410
K/W
OUTPUT (DETECTOR)
Collector emitter breakdown voltage
IC = 0.1 mA, E = 0
V(BR)CEO
20
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Power dissipation
PPTR
100
mW
Thermal resistance junction to ambient
JESD 51
RthJA
380
K/W
SENSOR
Total power dissipation
Ptot
138
mW
Ambient temperature range
Tamb
-40 to +85
°C
Storage temperature range
Tstg
-40 to +85
°C
Soldering temperature
In accordance with Fig. 14
Tsd
260
°C
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
R
thJA, VCSEL = 410 K/W,
R
thJA, detector = 380 K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com