Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK1000B Datasheet(PDF) 5 Page - STMicroelectronics

Part # SRK1000B
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1000B Datasheet(HTML) 5 Page - STMicroelectronics

  SRK1000B Datasheet HTML 1Page - STMicroelectronics SRK1000B Datasheet HTML 2Page - STMicroelectronics SRK1000B Datasheet HTML 3Page - STMicroelectronics SRK1000B Datasheet HTML 4Page - STMicroelectronics SRK1000B Datasheet HTML 5Page - STMicroelectronics SRK1000B Datasheet HTML 6Page - STMicroelectronics SRK1000B Datasheet HTML 7Page - STMicroelectronics SRK1000B Datasheet HTML 8Page - STMicroelectronics SRK1000B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DS12787 Rev 1
5/27
SRK1000 / SRK1000A / SRK1000B
Maximum ratings
27
2
Maximum ratings
Stressing the device above the rating listed in Table 3 may cause permanent damage to the
device. Exposure to absolute maximum rated conditions may affect device reliability.
Table 3. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VCC
1
DC supply voltage
-0.3 to 36
V
VTON
4
TON pin voltage rating
-0.3 to 36
V
VAUX
5
Auxiliary DC supply voltage
-0.3 to 100
V
DVS
6
Drain sense voltage referred to GND
-3 to 100
V
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb Junction-to-ambient thermal resistance(1)
1. With pin 2 soldered to a dissipating copper area of 10 mm2, 35 μm thickness (PCB material FR4
1.6 mm thickness).
200
°C/W
Rth j-case Junction-to-case thermal resistance(1)
60
°C/W
Ptot
Power dissipation at Tamb = 50 °C
0.5
W
Tj
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com