Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK1000 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SRK1000
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1000 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SRK1000_V01 Datasheet HTML 9Page - STMicroelectronics SRK1000_V01 Datasheet HTML 10Page - STMicroelectronics SRK1000_V01 Datasheet HTML 11Page - STMicroelectronics SRK1000_V01 Datasheet HTML 12Page - STMicroelectronics SRK1000_V01 Datasheet HTML 13Page - STMicroelectronics SRK1000_V01 Datasheet HTML 14Page - STMicroelectronics SRK1000_V01 Datasheet HTML 15Page - STMicroelectronics SRK1000_V01 Datasheet HTML 16Page - STMicroelectronics SRK1000_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DS12787 Rev 1
13/27
SRK1000 / SRK1000A / SRK1000B
Operation description
27
Equation 1
(with RTON expressed in ohm and TON_MIN in seconds, starting when the DVS signal goes
below VTH_A). This blanking time of course sets a minimum turn-on time of the SR MOSFET
as well: hence, when by reducing the load the SR MOSFET conduction time would become
shorter than the programmed blanking time, the IC must stop driving the SR MOSFET to
avoid current inversion (see Section 5.7: Low consumption mode operation: sleep mode
and burst mode below).
5.4
Adaptive turn-off and TIMER
The SR MOSFET can be turned off through two coexisting mechanisms (whichever triggers
first); the first based on an adaptive algorithm, the second on the internal timer.
The adaptive turn-off consists of a ZCD_OFF comparator, where the DVS signal is
compared to an adapting threshold. This threshold is adapted in such a way that, at steady
state, the measured residual conduction time of the SR MOSFET body diode after turn-off
meets the target value Tdiode_off (as shown in Figure 8). The residual conduction time of the
body diode is measured between the falling edge of the driving signal and the rising edge of
the DVS signal (first time surpassing the threshold VTH_A).
Figure 8. ZCD_OFF threshold adapting for body diode target conduction
The internal timer basically turns off the SR MOSFET with a fixed anticipation time Tant_timer
with respect to the first rising edge of the DVS signal. The IC has two different timer
operating modes, selectable by the user, optimized for fixed frequency mixed CCM/DCM
converters or for QR/DCM applications. The selection of the proper timer mode is done
TON_MIN = 12 10
12
–
RTON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com