Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWSQS Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA335BWSQS
Description  2.1-channel, high-efficiency digital audio system with QSound QHD®
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWSQS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA335BWSQS Datasheet HTML 10Page - STMicroelectronics STA335BWSQS Datasheet HTML 11Page - STMicroelectronics STA335BWSQS Datasheet HTML 12Page - STMicroelectronics STA335BWSQS Datasheet HTML 13Page - STMicroelectronics STA335BWSQS Datasheet HTML 14Page - STMicroelectronics STA335BWSQS Datasheet HTML 15Page - STMicroelectronics STA335BWSQS Datasheet HTML 16Page - STMicroelectronics STA335BWSQS Datasheet HTML 17Page - STMicroelectronics STA335BWSQS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
Electrical specifications
STA335BWSQS
14/70
3
Electrical specifications
3.1
Absolute maximum ratings
Note:
Stresses beyond those listed under “Absolute maximum ratings” make cause permanent
damage to the device. These are stress ratings only, and functional operation of the device
at these or any other conditions beyond those indicated under “Recommended operating
condition” are not implied. Exposure to absolute-maximum-rated conditions for extended
periods may affect device reliability. In the real application, power supply with nominal value
rated inside recommended operating conditions, may experience some rising beyond the
maximum operating condition for short time when no or very low current is sinked (amplifier
in mute state). In this case the reliability of the device is guaranteed, provided that the
absolute maximum rating is not exceeded.
3.2
Recommended operating condition
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
Vcc
Power supply voltage (VCC1, VCC2)
-0.3
23
V
VDD_DIG Digital supply voltage
-0.3
4
V
VDD_PLL PLL supply voltage
-0.3
4
Top
Operating junction temperature
0
150
°C
Tstg
Storage temperature
-40
150
°C
Table 4.
Recommended operating condition
Symbol
Parameter
Min
Typ
Max
Unit
Vcc
Power supply voltage (VCC1, VCC2)
4.5
21.5
V
VDD_DIG
Digital supply voltage
2.7
3.3
3.6
V
VDD_PLL
PLL supply voltage
2.7
3.3
3.6
V
Tamb
Ambient temperature
-20
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com