Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA380BW Datasheet(PDF) 77 Page - STMicroelectronics

Part # STA380BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380BW Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STA380BW Datasheet HTML 73Page - STMicroelectronics STA380BW Datasheet HTML 74Page - STMicroelectronics STA380BW Datasheet HTML 75Page - STMicroelectronics STA380BW Datasheet HTML 76Page - STMicroelectronics STA380BW Datasheet HTML 77Page - STMicroelectronics STA380BW Datasheet HTML 78Page - STMicroelectronics STA380BW Datasheet HTML 79Page - STMicroelectronics STA380BW Datasheet HTML 80Page - STMicroelectronics STA380BW Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 162 page
background image
DocID024543 Rev 1
77/162
STA380BW
Register description: New Map
6.22.7
Limiter 2 extended attack threshold (addr 0x45)
The extended attack threshold value is determined as follows:
attack threshold = -12 + EATH2 / 4
To enable this feature, the EATHEN2 bit must be set to 1.
6.22.8
Limiter 2 extended release threshold (addr 0x46)
The extended release threshold value is determined as follows:
release threshold = -12 + ERTH2 / 4
To enable this feature, the ERTHEN2 bit must be set to 1.
Note:
Attack/release threshold step is 0.125 dB in the range -12 dB to 0 dB.
6.23
User-defined coefficient control registers (addr 0x27 - 0x37)
6.23.1
Coefficient address register
6.23.2
Coefficient b1 data register bits 23:16
6.23.3
Coefficient b1 data register bits 15:8
6.23.4
Coefficient b1 data register bits 7:0
D7
D6
D5
D4
D3
D2
D1
D0
EATHEN2
EATH2[6]
EATH2[5]
EATH2[4]
EATH2[3]
EATH2[2]
EATH2[1]
EATH2[0]
00110000
D7
D6
D5
D4
D3
D2
D1
D0
ERTHEN2
ERTH2[6]
ERTH2[5]
ERTH2[4]
ERTH2[3]
ERTH2[2]
ERTH2[1]
ERTH2[0]
00110000
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
00000000
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com