Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC0912-250 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STAC0912-250
Description  LDMOS avionics radar transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC0912-250 Datasheet(HTML) 3 Page - STMicroelectronics

  STAC0912-250 Datasheet HTML 1Page - STMicroelectronics STAC0912-250 Datasheet HTML 2Page - STMicroelectronics STAC0912-250 Datasheet HTML 3Page - STMicroelectronics STAC0912-250 Datasheet HTML 4Page - STMicroelectronics STAC0912-250 Datasheet HTML 5Page - STMicroelectronics STAC0912-250 Datasheet HTML 6Page - STMicroelectronics STAC0912-250 Datasheet HTML 7Page - STMicroelectronics STAC0912-250 Datasheet HTML 8Page - STMicroelectronics STAC0912-250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
2.1
Static
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, IDS = 10 mA
80
V
IDSS
Zero gate voltage drain leakage
current
VGS = 0 V, VDS = 28 V
2
μA
IGSS
Gate-source leakage current
VGS = 15 V, VDS = 0 V
1
μA
VGS(Q)
Gate quiescent voltage
VDS = 28 V, IDS = 150 mA
2.0
5.0
V
VDS(on)
Drain-source on voltage
VGS = 10 V, IDS = 6 A
550
600
mV
GFS
Forward transconductance
VDS = 10 V, IDS = 6 A
2.5
S
2.2
Dynamic
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
Frequency
960
1215
MHz
POUT
Output power
PIN = 12 W
250
285
W
GPS
Power gain
POUT = 250 W
14
16.3
dB
ŋD
Drain efficiency
POUT = 250 W
50
58
%
tr
Rise time
POUT = 250 W
25
ns
tf
Fall time
POUT = 250 W
10
ns
ΔGPS
Gain variation
POUT = 250 W, gain droop within
the pulse
0.2
dB
VSWR
Load mismatch
All phase angles at POUT = 250 W
10:1
Note:
VDD = 36 V, IDQ = 150 mA, pulse width = 100 μs, duty cycle = 10%.
STAC0912-250
Electrical characteristics
DS7201 - Rev 9
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com