Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB22N60M6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB22N60M6
Description  N-channel 600 V, 196 mΩ typ., 15 A, MDmesh™ M6 Power MOSFET in a D2PAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB22N60M6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB22N60M6 Datasheet HTML 8Page - STMicroelectronics STB22N60M6 Datasheet HTML 9Page - STMicroelectronics STB22N60M6 Datasheet HTML 10Page - STMicroelectronics STB22N60M6 Datasheet HTML 11Page - STMicroelectronics STB22N60M6 Datasheet HTML 12Page - STMicroelectronics STB22N60M6 Datasheet HTML 13Page - STMicroelectronics STB22N60M6 Datasheet HTML 14Page - STMicroelectronics STB22N60M6 Datasheet HTML 15Page - STMicroelectronics STB22N60M6 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Figure 22. D²PAK reel outline
A
D
B
Full radius
Tape slot
in core for
tape start
2.5mm min.width
G measured
at hub
C
N
40mm min.
access hole
at slot location
T
AM06038v1
Table 9. D²PAK tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
10.5
10.7
A
330
B0
15.7
15.9
B
1.5
D
1.5
1.6
C
12.8
13.2
D1
1.59
1.61
D
20.2
E
1.65
1.85
G
24.4
26.4
F
11.4
11.6
N
100
K0
4.8
5.0
T
30.4
P0
3.9
4.1
P1
11.9
12.1
Base quantity
1000
P2
1.9
2.1
Bulk quantity
1000
R
50
T
0.25
0.35
W
23.7
24.3
STB22N60M6
D²PAK packing information
DS12827 - Rev 1
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com