Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP85NF55 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STP85NF55
Description  Automotive-grade N-channel 55 V, 6.2 mΩ typ., 80 A, STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP85NF55 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STP85NF55_V01 Datasheet HTML 10Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 11Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 12Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 13Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 14Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 15Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 16Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 17Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Revision history
Table 10. Document revision history
Date
Version
Changes
21-Jun-2004
8
Updated SOA and application.
01-Oct-2009
9
Added new device in I²PAK
10-Jul-2013
10
– Minor text changes
– Updated: Section 4: Package mechanical data and Section 5: Packaging
mechanical data
17-Jul-2013
11
– Minor text changes
– Modified: order code for D2PAK
16-Jan-2019
12
Modified Table 6. Source-drain diode.
Updated Section 4.1 D²PAK (TO-263) type A package information and
Section 4.3 TO-220 type A package information.
Minor text changes.
STB85NF55T4, STP85NF55
DS2569 - Rev 12
page 16/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com