Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB85NF55T4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB85NF55T4
Description  Automotive-grade N-channel 55 V, 6.2typ., 80 A, STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NF55T4 Datasheet(HTML) 2 Page - STMicroelectronics

  STB85NF55T4 Datasheet HTML 1Page - STMicroelectronics STB85NF55T4 Datasheet HTML 2Page - STMicroelectronics STB85NF55T4 Datasheet HTML 3Page - STMicroelectronics STB85NF55T4 Datasheet HTML 4Page - STMicroelectronics STB85NF55T4 Datasheet HTML 5Page - STMicroelectronics STB85NF55T4 Datasheet HTML 6Page - STMicroelectronics STB85NF55T4 Datasheet HTML 7Page - STMicroelectronics STB85NF55T4 Datasheet HTML 8Page - STMicroelectronics STB85NF55T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
55
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at TC = 25 °C
80
A
Drain current (continuous) at TC = 100 °C
80
A
IDM(2)
Drain current (pulsed)
320
A
PTOT
Total power dissipation at TC = 25 °C
300
W
Derating factor
2.0
W/°C
EAS(3)
Single-pulse avalanche energy
980
mJ
dv/dt(4)
Peak diode recovery voltage slope
10
V/ns
Tstg
Storage temperature range
-55 to 175
°C
Tj
Operating junction temperature range
1. Current limited by package.
2. Pulse width limited by safe operating area.
3. Starting TJ = 25 °C, ID = 40 A, VDD = 37.5 V
4. ISD ≤ 80 A, di/dt ≤ 300 A/μs, VDD ≤ V(BR)DSS, TJ ≤ TJMAX
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.5
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
°C/W
STB85NF55T4, STP85NF55
Electrical ratings
DS2569 - Rev 12
page 2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com