Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555IDTTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS555IDTTR
Description  Low-power single CMOS timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555IDTTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS555IDTTR Datasheet HTML 11Page - STMicroelectronics TS555IDTTR Datasheet HTML 12Page - STMicroelectronics TS555IDTTR Datasheet HTML 13Page - STMicroelectronics TS555IDTTR Datasheet HTML 14Page - STMicroelectronics TS555IDTTR Datasheet HTML 15Page - STMicroelectronics TS555IDTTR Datasheet HTML 16Page - STMicroelectronics TS555IDTTR Datasheet HTML 17Page - STMicroelectronics TS555IDTTR Datasheet HTML 18Page - STMicroelectronics TS555IDTTR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
TS555
18/19
DocID4077 Rev 4
7
Revision history
Table 13. Document revision history
Date
Revision
Changes
01-Feb-2003
1
Initial release.
03-Nov-2008
2
Document reformatted.
Added output current, ESD and thermal resistance values in
Table 1: Absolute maximum ratings.
Added output current values in Table 2: Operating conditions.
29-Aug-2014
3
Section 5: Package information: updated corporate text
Replaced Table 15: Ordering information scheme
24-Jun-2015
4
Features and Description: added footnote to NE555 product to
explain it is terminated.
Removed all references to DIP8 and TSSOP8 packages
Removed all temperature ranges except -40 to 125 °C
Replaced Table 15: Ordering information scheme with Table 12:
Order code table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com