Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19XG34 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19XG34
Description  Smartcard MCU with 34KBYTES HIGH DENSITY EEPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19XG34 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19XG34 Datasheet HTML 1Page - STMicroelectronics ST19XG34 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
HARDWARE DESCRIPTION
The ST19XG34, a member of the ST19 platform,
is a serial access microcontroller especially de-
signed for very large volume and cost effective se-
cure portable applications.
The ST19XG34 is based on a STMicrolectronics 8
bit CPU and includes on chip memories: 70 K
User ROM, 2016-byte User RAM and 34K User
EEPROM with state of the art security features.
ROM, RAM and EEPROM memories can be con-
figured into partitions with customized access
rules.
Figure 2 Block diagram
Access from any memory area to another are pro-
tected by hardware FIREWALLS. Access rules
are User defined and can be selected by mask op-
tions or during the life of the product.
The chip includes a DES accelerator which is ac-
cessible via a cryptographic system ROM soft-
ware library.
A CRC calculation block is also available and is di-
rectly accessible by the User.
This product is manufactured using an advanced
highly reliable ST CMOS EEPROM technology.
As with all the other ST19 products, it is fully com-
patible with the ISO7816 standard for Smartcard
applications.
SOFTWARE DEVELOPMENT
Software development and firmware (ROM code/
options) generation are done with the ST19-HDSX
development system, on Windows NT and Win-
dows 98. Powerfull C/C++ compiler, debugger
and simulator are also available.
SYMMETRICAL ALGORITHMS:
– DES, triple DES, DESX computations
– CBC chaining mode
– Loading / Unloadings from / to registers are se-
cured against SPA
SYSTEM
ROM
LIBRARIES
CRYPTO
AND
SCP 155a/DS
INTERNAL BUS
RESET
SYSTEM
ROM
FIREWALL
MEMORY ACCESS FIREWALL
CLK
I/O
GND
Vcc
RAM
Bytes
2016
EEPROM
34K bytes
USER ROM
70K bytes
SYSTEM
ROM
SERIAL
I/O
INTER-
FACE
8 BIT
CPU
3 X
8 BIT
TIMERS
CLOCK
GENERA-
TOR
MODULE
SECURITY
ADMINISTRATOR
DES
ACCE
LERATOR
GUN A
&
GUN B
CRC
MODULE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com