Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702LHG Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # SY87702LHG
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702LHG Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button SY87702LHG Datasheet HTML 6Page - Micrel Semiconductor SY87702LHG Datasheet HTML 7Page - Micrel Semiconductor SY87702LHG Datasheet HTML 8Page - Micrel Semiconductor SY87702LHG Datasheet HTML 9Page - Micrel Semiconductor SY87702LHG Datasheet HTML 10Page - Micrel Semiconductor SY87702LHG Datasheet HTML 11Page - Micrel Semiconductor SY87702LHG Datasheet HTML 12Page - Micrel Semiconductor SY87702LHG Datasheet HTML 13Page - Micrel Semiconductor SY87702LHG Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SY87702L
13
Micrel, Inc.
M9999-102405
hbwhelp@micrel.com or (408) 955-1690
REFCLK
NC (FUTURE
INPUTS
REV. OUTPUT)
VCC
R41,
125
Ω
C35
1
2
J15
R40,
83
Ω
REFCLK+:FORCE
VEE
NC: PIN 52
R44,
DNI
C39
1
2
J21
VEE
REFCLK+: SENSE
C36
1
2
J16
NC: PIN 53
R45,
DNI
C40
1
2
J22
VEE
VCC
R43,
125
Ω
C37
1
2
J19
R42,
83
Ω
REFCLK–:FORCE
VEE
REFCLK–: SENSE
C38
1
2
J20
VEE: PIN 59
C45
0.01
µF
VCC: PIN 58
C46
0.01
µF
VEE: PIN 57
C47
0.01
µF
VEE: PIN 56
C48
0.01
µF
VEE: PIN 48
C49
0.01
µF
VCCO: PIN 42
C50
0.01
µF
VCCO: PIN 37
C51
0.01
µF
VEE: PIN 32
C52
0.01
µF
VEE: PIN 26
C53
0.01
µF
VEE: PIN 25
C54
0.01
µF
VCC: PIN 24
C55
0.01
µF
VEE: PIN 23
C56
0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com