Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC812B Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC812B
Description  High Noise Resistance Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC812B Datasheet(HTML) 4 Page - Sharp Corporation

  PC812B Datasheet HTML 1Page - Sharp Corporation PC812B Datasheet HTML 2Page - Sharp Corporation PC812B Datasheet HTML 3Page - Sharp Corporation PC812B Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC812
20
0
40
60
80
5
5
5
5
5
5
100
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig.11 Frequency Response
Frequency f ( kHz )
0
0.5
1
2
5
200
100
50
20
10
500
100
Ω
1k
Ω
Ambient temperature T a (˚C)
L ( k Ω )
0.2
0.1
0.5
1
2
5
10
20
0.01
0.1
1
10
50
50
100
200
500
0
0
2
4
6
8
2468
10
1mA
3mA
7
5
3
1
9
7
5
3
1
5mA
7mA
Forward current I F ( mA )
Test Circuit for Response Time
VCC
t
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
VCC
RL
Output
RD
Test Circuit for Frepuency Response
Please refer to the chapter
Fig.12 Collector-emitter Saturation Voltage vs.
Forward Current
-30
-5
-10
-15
-20
f
VCE = 20V
120 140
10 -7
10 -6
10 -8
10 -9
10 -10
10 -11
10 -12
VCE =2V
IC = 2mA
Ta = 25˚C
t f
t r
t d
ts
RL = 10k Ω
VCE =5V
IC = 2mA
Ta = 25˚C
Ta = 25˚C
IC = 0.5mA
“ Precautions for Use ”
Fig.10 Response Time vs. Load Resistance
Load resistance R
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com