Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C100V Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C100V
Description  Precision Clock Synthesizer for Desktop PC’s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C100V Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C100V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C100V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C100V Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C100V Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C100V Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C100V Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C100V Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C100V Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C100V Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
199
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8142A 10/13/98
PI6C100
Precision Clock Synthesizer
for Desktop PC’s
PinDescription
n
i
Pe
m
a
N
l
a
n
g
i
Se
p
y
T.
y
t
Qn
o
it
p
i
r
c
s
e
D
7
4
,
2
,
1]
2
:
0
[
F
E
RO
3
.t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
1
3
.
4
1
3V
F
E
R
S
S
d
n
u
o
r
g1
st
u
p
t
u
o
]
2
:
0
[
F
E
R
r
o
f
d
n
u
o
r
G
8
4V
F
E
R
D
D
r
e
w
o
p1
st
u
p
t
u
o
]
2
:
0
[
F
E
R
r
o
f
r
e
w
o
P
4N
I
_
L
A
T
XI
1
.t
u
p
n
i
l
a
t
s
y
r
c
z
H
M
8
1
3
.
4
1
5T
U
O
_
L
A
T
XO
1
.t
u
p
t
u
o
l
a
t
s
y
r
c
z
H
M
8
1
3
.
4
1
8
1
,
2
1
,
6V
I
C
P
S
S
]
2
:
0
[d
n
u
o
r
g3
st
u
p
t
u
o
k
c
o
l
c
I
C
P
r
o
f
d
n
u
o
r
G
7F
_
K
L
C
I
C
PO
1
t
u
p
t
u
o
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
5
1
,
9V
I
C
P
D
D
]
1
:
0
[r
e
w
o
p2
st
u
p
t
u
o
k
c
o
l
c
I
C
P
r
o
f
r
e
w
o
P
,
3
1
,
1
1
,
0
1
,
8
7
1
,
6
1
,
4
1
]
7
:
1
[
K
L
C
I
C
PO
7
L
T
T
,s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
el
b
it
a
p
m
o
c
3
3
,
9
1V
E
R
O
C
D
D
]
1
:
0
[r
e
w
o
p2
e
r
o
c
r
o
f
r
e
w
o
p
d
e
t
al
o
s
I
2
3
,
0
2V
E
R
O
C
S
S
]
1
:
0
[d
n
u
o
r
g2
e
r
o
c
r
o
f
d
n
u
o
r
g
d
e
t
al
o
s
I
1
2V D
D
z
H
M
8
4r
e
w
o
p1
st
u
p
t
u
o
z
H
M
8
4
r
o
f
r
e
w
o
p
d
e
t
al
o
s
I
4
2V S
S
z
H
M
8
4d
n
u
o
r
g1
st
u
p
t
u
o
z
H
M
8
4
r
o
f
d
n
u
o
r
g
d
e
t
al
o
s
I
3
2
,
2
2z
H
M
8
4O
2
st
u
p
t
u
o
z
H
M
8
4
7
2
,
6
2]
1
:
0
[
L
E
S1
2
sl
e
v
el
L
T
T
V
L
.s
n
i
p
t
c
el
e
s
ci
g
o
L
5
2#
6
6
/
0
0
1
L
E
SI
1
z
H
M
6
6
r
o
z
H
M
0
0
1
g
n
il
b
a
n
e
r
o
f
n
i
p
t
c
el
e
S
z
H
M
6
6
=
L
.z
H
M
0
0
1
=
H
9
2#
N
W
D
R
W
PI
1
W
O
L
d
l
e
h
n
e
h
w
e
ci
v
e
d
n
w
o
d
s
r
e
w
o
P
0
3#
P
O
T
S
U
P
CI
W
O
L
d
l
e
h
fi
W
O
L
s
k
c
o
l
c
U
P
C
s
p
o
t
S
1
3#
P
O
T
S
_
I
C
PI
1
W
O
L
d
l
e
h
fi
W
O
L
s
k
c
o
l
c
I
C
P
s
p
o
t
S
1
4
,
7
3V
U
P
C
D
D
]
1
:
0
[r
e
w
o
p2
st
u
p
t
u
o
U
P
C
r
o
f
r
e
w
o
P
8
3
,
4
3V
U
C
P
S
S
]:
0
[d
n
u
o
r
g2
st
u
p
t
u
o
U
P
C
r
o
f
d
n
u
o
r
G
0
4
,
9
3
,
6
3
,
5
3]
3
:
0
[
K
L
C
U
P
CO
4
V
5
.
2
st
u
p
t
u
o
k
c
o
l
c
t
s
o
H
d
n
a
U
P
C
3
4V
C
I
P
A
S
S
d
n
u
o
r
g1
st
u
p
t
u
o
C
I
P
A
r
o
f
d
n
u
o
r
G
6
4V
C
I
P
A
D
D
r
e
w
o
p1
st
u
p
t
u
o
C
I
P
A
r
o
f
r
e
w
o
P
5
4
,
4
4]
1
:
0
[
C
I
P
AO
2
z
H
M
8
1
8
1
3
.
4
1
.
V
5
.
2
@
st
u
p
t
u
o
C
I
P
A
8
2#
D
A
E
R
P
SI
1
W
O
L
n
e
h
w
e
r
u
t
a
e
f
m
u
rt
c
e
p
S
d
a
e
r
p
S
s
el
b
a
n
E
2
4C
N—
1
n
o
it
a
ci
fi
d
o
m
e
r
u
t
u
f
r
o
f
d
e
v
r
e
s
e
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com