Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD8582D-2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD8582D-2
Description  256 x 8-bit CMOS EEPROMS with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD8582D-2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD8582D-2 Datasheet HTML 9Page - NXP Semiconductors PCD8582D-2 Datasheet HTML 10Page - NXP Semiconductors PCD8582D-2 Datasheet HTML 11Page - NXP Semiconductors PCD8582D-2 Datasheet HTML 12Page - NXP Semiconductors PCD8582D-2 Datasheet HTML 13Page - NXP Semiconductors PCD8582D-2 Datasheet HTML 14Page - NXP Semiconductors PCD8582D-2 Datasheet HTML 15Page - NXP Semiconductors PCD8582D-2 Datasheet HTML 16Page - NXP Semiconductors PCD8582D-2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
December 1994
13
Philips Semiconductors
Product specification
256 x 8-bit CMOS EEPROMS
with I2C-bus interface
PCX8582X-2 Family
I2C-BUS CHARACTERISTICS
All of the timing values are valid within the operating supply voltage and ambient temperature range and refer to VIL and
VIH with an input voltage swing from VSS to VDD.
Note
1. The hold time required (not greater than 300 ns) to bridge the undefined region of the falling edge of SCL must be
internally provided by a transmitter.
SYMBOL
PARAMETER
CONDITIONS
MIN. MAX. UNIT
fSCL
clock frequency
0
100
kHz
tBUF
time the bus must be free before new transmission can start
4.7
−
µs
tHD;STA
start condition hold time after which first clock pulse is generated
4.0
−
µs
tLOW
LOW level clock period
4.7
−
µs
tHIGH
HIGH level clock period
4.0
−
µs
tSU;STA
set-up time for start condition
repeated start
4.7
−
µs
tHD;DAT
data hold time for bus compatible masters
5
−
µs
tHD;DAT
data hold time for bus devices
note 1
0
−
ns
tSU;DAT
data set-up time
250
−
ns
tr
SDA and SCL rise time
−
1
µs
tf
SDA and SCL fall time
−
300
ns
tSU;STO
set-up time for stop condition
4.7
−
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com