Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2000TPWR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BQ2000TPWR
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BQ2000TPWR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BQ2000TPWR Datasheet HTML 1Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 2Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 3Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 4Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 5Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 6Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 7Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 8Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Pin Descriptions
SNS
Current-sense input
Enables the bq2000T to sense the battery
current via the voltage developed on this
pin by an external sense-resistor con-
nected in series with the battery pack
VSS
System Ground
LED
Charge-status output
Open-drain output that indicates the
charging status by turning on, turning off,
or flashing an external LED
BAT
Battery-voltage input
Battery-voltage sense input. A simple resis-
tive divider, across the battery terminals,
generates this input.
TS
Temperature-sense input
Input for an external battery-temperature
monitoring circuit. An external resistive
divider network with a negative tempera-
ture-coefficient thermistor sets the lower
and upper temperature thresholds.
RC
Timer-program input
RC input used to program the maximum
charge-time, hold-off period, and trickle
rate during the charge cycle, and to dis-
able or enable top-off charge
VCC
Supply-voltage input
MOD
Modulation-control output
Push-pull output that controls the charg-
ing current to the battery. MOD switches
high to enable charging current to flow
and low to inhibit charging- current flow.
Functional Description
The bq2000T is a versatile, multi-chemistry battery-
charge control device. See Figure 1 for a functional
block diagram and Figure 2 for the state diagram.
bq2000T
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com