Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF1156 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF1156
Description  CMOS melody LSIs with built-in LED driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1156 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF1156 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CF1156 series
NIPPON PRECISION CIRCUITS INC.—2
PAD DESCRIPTION
SPECIFICATIONS
Absolute Maximum Ratings
Electrical Characteristics
Ta = 25°C, VSS = 0V, VDD = 3.0V
Name
Function
OSH, LH
Melody mode control inputs. Built-in pull-down resistors mean LOW-level signals are obtained when inputs are open circuit. The
resistance of the pull-down resistor varies with the applied voltage, as described in the Electrical Characteristics.
LO
LED drive output, HIGH level during non-play mode.
BO
Piezoelectric speaker driver output. LOW level output during non-play mode and during musical rest notes. HIGH level output
during gaps between melody notes.
VDD
Supply. The rear surface of the chip is VDD level.
VSS
Ground
T1, T2, TC
Test inputs. Pull-down resistor built-in.
TO
Test output. The oscillator frequency (typ. 50kHz) is output for monitoring purposes.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD − VSS
−0.3 to 5.0
V
Input voltage range
VIN
VSS − 0.2 to VDD + 0.2
V
Operating temperature range
Topr
−20 to 80
°C
Storage temperature range
Tstg
−65 to 150
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating voltage
VDD
2.0
3.0
3.6
V
Current consumption1
1. Measurement circuit
IDD1
Non-play mode
–
0.01
0.6
µA
Current consumption2
IDD2
Melody modes: BO, LO open
–
100
200
µA
LH, OSH LOW-level input voltage
VIL
––
VSS + 0.2
V
LH, OSH HIGH-level input voltage
VIH
VDD – 0.2
–
–
V
LH, OSH LOW-level input current
IIL
VIL = 0.8V
0.7
9.0
18
µA
LH, OSH HIGH-level input current
IIH
VIH = 3.0V
0.7
9.0
18
µA
BO LOW-level output current
IOL1
VOL = 1.0V
4.0
–
–
mA
BO HIGH-level output current
IOH1
VOH = 2.0V
4.0
–
–
mA
LO LOW-level output current
IOL2
VOL = 1.0V
10
–
–
mA
LO HIGH-level output current
IOH2
VOH = 2.0V
8
–
–
mA
TO oscillator frequency
fOSC
35
50
65
kHz
TO oscillator start voltage
VDOB
–
–
2.0
V
TO oscillator stop voltage
VDOS
–
–
2.0
V
VDD
VSS
A
3.0V
2. Measurement circuit
VDD
LH
VSS
A
3.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com