Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54S195 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54S195
Description  Shift Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54S195 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM54S195 Datasheet HTML 1Page - National Semiconductor (TI) DM54S195 Datasheet HTML 2Page - National Semiconductor (TI) DM54S195 Datasheet HTML 3Page - National Semiconductor (TI) DM54S195 Datasheet HTML 4Page - National Semiconductor (TI) DM54S195 Datasheet HTML 5Page - National Semiconductor (TI) DM54S195 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
DM54S
b
55 Cto a125 C
DM74S
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54S195
DM74S195
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
1
b
1mA
IOL
Low Level Output Current
20
20
mA
fCLK
Clock Frequency (Note 1)
0
105
70
0
105
70
MHz
fCLK
Clock Frequency (Note 2)
0
90
60
0
90
60
MHz
tW
Pulse Width
Clock
7
7
ns
(Note 3)
Clear
12
12
tSU
Setup Time
ShiftLoad
11
11
ns
(Note 3)
Data
5
5
tH
Data Hold Time (Note 3)
3
3
ns
tREL
ShiftLoad Release Time (Note 3)
6
6
ns
Clear Release Time (Note 3)
9
9
TA
Free Air Operating Temperature
b
55
125
0
70
C
Note 1
CL e 15 pF RL e 280X TA e 25 C and VCC e 5V
Note 2
CL e 50 pF RL e 280X TA e 25 C and VCC e 5V
Note 3
TA e 25 C and VCC e 5V
Electrical Characteristics over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 4)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
12
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
25
34
V
Voltage
VIL e Max VIH e Min
DM74
27
34
VOL
Low Level Output
VCC e Min IOL e Max
05
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 27V
50
m
A
IIL
Low Level Input Current
VCC e Max VI e 05V
b
2mA
IOS
Short Circuit
VCC e Max
DM54
b
40
b
100
mA
Output Current
(Note 5)
DM74
b
40
b
100
ICC
Supply Current
VCC e Max (Note 6)
70
109
mA
Note 4
All typicals are at VCC e 5V TA e 25 C
Note 5
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 6
With all inputs open SHIFTLOAD grounded and 45V applied to the J K and data inputs ICC is measured by applying a momentary ground then 45V to
the CLEAR and then applying a momentary ground then 45V to the CLOCK
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com