Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS952 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS952
Description  Dual Rank 8-Bit TRI-STATE짰Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS952 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74LS952 Datasheet HTML 1Page - National Semiconductor (TI) DM74LS952 Datasheet HTML 2Page - National Semiconductor (TI) DM74LS952 Datasheet HTML 3Page - National Semiconductor (TI) DM74LS952 Datasheet HTML 4Page - National Semiconductor (TI) DM74LS952 Datasheet HTML 5Page - National Semiconductor (TI) DM74LS952 Datasheet HTML 6Page - National Semiconductor (TI) DM74LS952 Datasheet HTML 7Page - National Semiconductor (TI) DM74LS952 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF6437
August 1991
DM74LS952 (DM86LS52)
Dual Rank 8-Bit TRI-STATE
Shift Register
General Description
These circuits are TRI-STATE edge-triggered 8-bit IO reg-
isters in parallel with 8-bit serial shift registers which are
capable of operating in any of the following modes parallel
load from IO pins to register ‘‘A’’ parallel transfer down
from register ‘‘A’’ to serial shift register ‘‘B’’ parallel transfer
up from shift register ‘‘B’’ to register ‘‘A’’ serial shift of regis-
ter ‘‘B’’ synchronously clear Since the registers are edge-
triggered by the positive transition of the clock the control
lines which determine the mode or operation are completely
independent of the logic level applied to the clock De-
signed for bus-oriented systems these circuits have their
TRI-STATE inputs and outputs on the same pins
Features
Y
Registers are edge-triggered by the positive transition
of the clock
Y
All inputs are PNP transistors
Y
Input disable dominates over output disable
Y
Output high impedance state does not impede any oth-
er mode of operation
Y
8-bit IO pins are TRI-STATE buffers
Y
Typical shift frequency is 36 MHz
Y
Typical power dissipation is 305 mW
Y
All control inputs are active when in an ‘‘L’’ logic state
Y
Devices can be cascaded into N-bit word
Connection Diagram
Dual-In-Line Package
TLF6437 – 1
Top View
Order Number DM74LS952N or DM86LS52N
See NS Package Number N18A
Pin Description
DISO Output disable
IS Serial input
DISI Input disable
DISTU Transfer up disable
DISTD Transfer down disable
DISS Shift disable
OS Serial output
CLKClock
GNDGround
IO 1
IO 88-bit IO pins
VCC Supply Voltage
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74LS952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS95B NSC-DM74LS95B Datasheet
111Kb / 5P
4-BIR RIGHT/LEFT SHIFT REGISTER
DM74LS95BM NSC-DM74LS95BM Datasheet
111Kb / 5P
4-BIR RIGHT/LEFT SHIFT REGISTER
DM74LS95BN NSC-DM74LS95BN Datasheet
111Kb / 5P
4-BIR RIGHT/LEFT SHIFT REGISTER
More results

Similar Description - DM74LS952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9328 NSC-9328 Datasheet
126Kb / 6P
Dual 8-Bit Shift Register
93L28 NSC-93L28 Datasheet
107Kb / 6P
Dual 8-Bit Shift Register
logo
Texas Instruments
CY5474FCT377T TI-CY5474FCT377T Datasheet
71Kb / 7P
8-Bit Register
logo
Fairchild Semiconductor
DM9328 FAIRCHILD-DM9328 Datasheet
48Kb / 5P
Dual 8-Bit Shift Register
DM93L28 FAIRCHILD-DM93L28 Datasheet
41Kb / 5P
Dual 8-Bit Shift Register
logo
National Semiconductor ...
DM86LS62 NSC-DM86LS62 Datasheet
157Kb / 8P
Dual Rank 8-Bit TRI-STATE Shift Register
logo
List of Unclassifed Man...
8277 ETC1-8277 Datasheet
103Kb / 2P
DUAL 8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
logo
National Semiconductor ...
MM54HC299 NSC-MM54HC299 Datasheet
143Kb / 6P
8-Bit TRI-STATEÉ Universal Shift Register
January 1988
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com