Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP57060 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STAP57060
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57060 Datasheet(HTML) 3 Page - STMicroelectronics

  STAP57060 Datasheet HTML 1Page - STMicroelectronics STAP57060 Datasheet HTML 2Page - STMicroelectronics STAP57060 Datasheet HTML 3Page - STMicroelectronics STAP57060 Datasheet HTML 4Page - STMicroelectronics STAP57060 Datasheet HTML 5Page - STMicroelectronics STAP57060 Datasheet HTML 6Page - STMicroelectronics STAP57060 Datasheet HTML 7Page - STMicroelectronics STAP57060 Datasheet HTML 8Page - STMicroelectronics STAP57060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STAP57060
Electrical data
Doc ID 15708 Rev 1
3/16
2
Electrical data
2.1
Maximum ratings
Table 2.
Absolute maximum ratings (TCASE = 25 ° C)
2.2
Thermal data
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-source voltage
65
V
VGS
Gate-source voltage
±20
V
ID
Drain current
7
A
PDISS
Power dissipation (TC = 70 °C)
79
W
TJ
Max. operating junction temperature
165
°C
TSTG
Storage temperature
-65 to +150
°C
Symbol
Parameter
Value
Unit
RthJC
Junction-case thermal resistance
1.0
° C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com