Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP57100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STAP57100
Description  RF power transistor the LdmoST family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57100 Datasheet(HTML) 3 Page - STMicroelectronics

  STAP57100 Datasheet HTML 1Page - STMicroelectronics STAP57100 Datasheet HTML 2Page - STMicroelectronics STAP57100 Datasheet HTML 3Page - STMicroelectronics STAP57100 Datasheet HTML 4Page - STMicroelectronics STAP57100 Datasheet HTML 5Page - STMicroelectronics STAP57100 Datasheet HTML 6Page - STMicroelectronics STAP57100 Datasheet HTML 7Page - STMicroelectronics STAP57100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STAP57100
Electrical characteristics
3/8
2
Electrical characteristics
TCASE = +25 °C
2.1
Static
2.2
Dynamic
Table 4.
Static (per side)
Symbol
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
VGS = 0 V
IDS = 1 mA
65
V
IDSS
VGS = 0 V
VDS = 28 V
1
μA
IGSS
VGS = 20 V
VDS = 0 V
1
μA
VGS(Q)
VDS = 28 V
ID = 100 mA
2.0
4.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
0.7
0.9
V
GFS
VDS = 10 V
ID = 3 A
3
S
ΔV
TH
(1)
1.
Absolute VGS difference between side 1 and side 2 of the device
ID = 100 mA
100
mV
CISS
VGS = 0 V
VDS = 28 V
f = 1 MHz
83
pF
COSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
58
pF
CRSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
3.0
pF
Table 5.
Dynamic
Symbol
Test conditions
Min
Typ
Max
Unit
POUT
VDD = 28 V IDQ = 500 mA
f = 860MHz
100
120
-
W
GPS
VDD = 28 V IDQ = 500 mA POUT = 100W f = 860MHz
13
14
-
dB
hD
VDD = 28 V IDQ = 500 mA POUT = 100W f = 860MHz
50
-
%
Load
mismatch
VDD = 28 V IDQ = 500 mA POUT = 100W f = 860MHz
All phase angles
10:1
-
VSW
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com