Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1364621 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1364621
Description  Network cable - SPE-T1-M12MS/ 2,0-99B/M12FS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1364621 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1364621 Datasheet HTML 1Page - PHOENIX CONTACT 1364621 Datasheet HTML 2Page - PHOENIX CONTACT 1364621 Datasheet HTML 3Page - PHOENIX CONTACT 1364621 Datasheet HTML 4Page - PHOENIX CONTACT 1364621 Datasheet HTML 5Page - PHOENIX CONTACT 1364621 Datasheet HTML 6Page - PHOENIX CONTACT 1364621 Datasheet HTML 7Page - PHOENIX CONTACT 1364621 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, Single Pair Ethernet CAT B (1 Gbps), 2-position halogen-free, shielded
(Advanced Shielding Technology), Plug straight M12-SPE / IP67, on Socket straight M12-SPE /
IP67, cable length: 2 m
Your advantages
Future-proof: standardized connectors in accordance with IEC 63171-5 (IP67)
•
Easily integrated: Male and female versions for established inductive sensors and flying leads
•
Straightforward servicing: M12 connectors are compatible with IP20 connectors for SPE
•
Safely shielded: patch cables with Advanced Shielding Technology
•
Commercial Data
Item number
1364621
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Product Key
BF1BJI
GTIN
4063151708696
Weight per Piece (including packing)
22.22 g
Weight per Piece (excluding packing)
222 g
Country of origin
PL
Network cable - SPE-T1-M12MS/ 2,0-99B/M12FS
1364621
https://www.phoenixcontact.com/us/products/1364621
Nov 16, 2022, 5:20 AM
Page 1 (8)


Similar Part No. - 1364621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1364622 PHOENIX-1364622 Datasheet
349Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B/M12MS
Jan 11, 2023
1364623 PHOENIX-1364623 Datasheet
352Kb / 7P
Network cable - SPE-T1-M12FS/ 2,0-99B/M12FS
Nov 16, 2022
1364626 PHOENIX-1364626 Datasheet
421Kb / 8P
Network cable - SPE-T1-M12MS/ 2,0-97B/M12FS
Nov 16, 2022
1364629 PHOENIX-1364629 Datasheet
349Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-97B/M12MS
Nov 16, 2022
More results

Similar Description - 1364621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1364623 PHOENIX-1364623 Datasheet
352Kb / 7P
Network cable - SPE-T1-M12FS/ 2,0-99B/M12FS
Nov 16, 2022
1364626 PHOENIX-1364626 Datasheet
421Kb / 8P
Network cable - SPE-T1-M12MS/ 2,0-97B/M12FS
Nov 16, 2022
1478365 PHOENIX-1478365 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B
Nov 16, 2022
1478368 PHOENIX-1478368 Datasheet
350Kb / 7P
Network cable - SPE-T1- 1,0-99B/M12FS
Nov 16, 2022
1478369 PHOENIX-1478369 Datasheet
350Kb / 7P
Network cable - SPE-T1- 2,0-99B/M12FS
Nov 16, 2022
1478372 PHOENIX-1478372 Datasheet
424Kb / 8P
Network cable - SPE-T1-M12MS/ 1,0-99B/M12FS
Nov 16, 2022
1478373 PHOENIX-1478373 Datasheet
424Kb / 8P
Network cable - SPE-T1-M12MS/ 5,0-99B/M12FS
Nov 16, 2022
1478375 PHOENIX-1478375 Datasheet
422Kb / 7P
Network cable - SPE-T1-M12MS/10,0-99B/M12FS
Nov 16, 2022
1478380 PHOENIX-1478380 Datasheet
352Kb / 7P
Network cable - SPE-T1-M12MS/10,0-99B/M12MS
Nov 16, 2022
1364622 PHOENIX-1364622 Datasheet
349Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B/M12MS
Jan 11, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com