Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15LQTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STBC15LQTR
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15LQTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STBC15LQTR Datasheet HTML 15Page - STMicroelectronics STBC15LQTR Datasheet HTML 16Page - STMicroelectronics STBC15LQTR Datasheet HTML 17Page - STMicroelectronics STBC15LQTR Datasheet HTML 18Page - STMicroelectronics STBC15LQTR Datasheet HTML 19Page - STMicroelectronics STBC15LQTR Datasheet HTML 20Page - STMicroelectronics STBC15LQTR Datasheet HTML 21Page - STMicroelectronics STBC15LQTR Datasheet HTML 22Page - STMicroelectronics STBC15LQTR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
List of tables
Table 1.
Typical bill of material (BOM) ............................................................ 2
Table 2.
Pin description...................................................................... 3
Table 3.
Absolute maximum ratings ............................................................. 4
Table 4.
Thermal data....................................................................... 4
Table 5.
Electrical characteristics ............................................................... 5
Table 6.
STBC15 floating voltage selection ....................................................... 12
Table 7.
STBC15L floating voltage selection ...................................................... 12
Table 8.
Charge current selection .............................................................. 12
Table 9.
Battery over-discharge voltages for the STBC15 ............................................. 12
Table 10.
Battery over-discharge voltages for the STBC15L ............................................ 13
Table 11.
STBC15 / STBC15L difference summary .................................................. 13
Table 12.
QFN12 (1.7 x 2.0 mm) package mechanical data ............................................. 15
Table 13.
Flip-chip12 (1.1 x 1.41 mm) package mechanical data ......................................... 17
Table 14.
Ordering information................................................................. 18
Table 15.
Document revision history ............................................................. 19
STBC15
List of tables
DS12551 - Rev 1
page 21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com