Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15JTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STBC15JTR
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15JTR Datasheet(HTML) 3 Page - STMicroelectronics

  STBC15JTR Datasheet HTML 1Page - STMicroelectronics STBC15JTR Datasheet HTML 2Page - STMicroelectronics STBC15JTR Datasheet HTML 3Page - STMicroelectronics STBC15JTR Datasheet HTML 4Page - STMicroelectronics STBC15JTR Datasheet HTML 5Page - STMicroelectronics STBC15JTR Datasheet HTML 6Page - STMicroelectronics STBC15JTR Datasheet HTML 7Page - STMicroelectronics STBC15JTR Datasheet HTML 8Page - STMicroelectronics STBC15JTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2
Pin configuration
Figure 2. Pin connection (top through view)
1
2
3
4
5
7
8
9
10
11
12
6
SM
ISET1
ISET0
VSET1
VSET0
CHGINOK
GND
BAT
PG
OUT
PKM
CHGIN
SM
PG
ISET0
VSET0
CHGIN
ISET1
VSET1
CHGIN_
OK
PKM
OUT
BAT
GND
A
B
C
D
3
2
1
Table 2. Pin description
Bump
QFN12
Flip-
chip12
Description
Power
CHGIN
12
A2
Input supply voltage. Bypass this pin to ground with a 10 µF capacitor
BAT
8
C3
Battery positive terminal. Bypass this pin to GND with a 4.7 µF ceramic
capacitor
OUT
10
B3
System output. Bypass this pin to ground with 1 µF ceramic capacitor
GND
7
D3
Ground
Programming
VSET0
5
D1
VFLOAT selection input pins. Connect the pin to CHGIN or GND (no internal
pull-up/down resistors). Pin must be tied to GND or CHGIN
VSET1
4
C2
ISET0
3
C1
Charging current selection input pins. Pins must be tied to GND or CHGIN
ISET1
2
B2
Digital I/Os
PKM
11
A3
Peak mode input
PG
9
B1
Power-Good signal, active high-z open-drain output
CHGINOK
6
D2
Charging source status. It is an active high-z open drain output
SM
1
A1
Shelf mode activation pin. Active high input with internal pull-down resistor.
When high, the device enters shelf-mode
STBC15
Pin configuration
DS12551 - Rev 1
page 3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com